Part Number Hot Search : 
RG4BC CYM1464 M3062 LVCH16 0FXH155 RB551 BZX55 L643706
Product Description
Full Text Search
 

To Download RAA-2415S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Unregulated Converters

Dual In-Line Package 1kVDC Isolation Internal Filtering No External Components Required 100% Burned In UL94V-0 Package Material Low Noise Efficiency to 87%
ECONOLINE
DC/DC-Converter
RAA Series
Efficiency (%)
Selection Guide
Part Number DIP Package RAA-0505S RAA-0512S RAA-0515S RAA-1205S RAA-1212S RAA-1215S RAA-2405S RAA-2412S RAA-2415S RAA-0505D RAA-0512D RAA-0515D RAA-1205D RAA-1212D RAA-1215D RAA-2405D RAA-2412D RAA-2415D Input Voltage (VDC) 5 5 5 12 12 12 24 24 24 5 5 5 12 12 12 24 24 24 Output Voltage (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA) 1000 417 333 1000 417 333 1000 417 333 500 208 167 500 208 167 500 208 167 1250 1150 1150 496 479 479 261 245 239 1250 1150 1150 496 479 479 261 245 239 Input Current Full Load No Load (mA) 80 80 80 40 40 40 20 20 20 80 80 80 40 40 40 20 20 20
5 Watt
25.00 x 23.50mm
80 87 87 84 87 87 83 85 87 80 87 87 84 87 87 83 85 87
Single & Dual Output
Specifications (Core Operating Area)
Voltage Setpoint Accuracy Temperature Coefficient Ripple and Noise (20MHz BW) Line Regulation (for 1% change in input voltage) Load Regulation (for output load current change from 20% to 100%) Short Circuit Protection Input Voltage Range Efficiency Isolation Voltage Rated Working Voltage Isolation Resistance Switching Frequency Isolation Capacitance Operating Temperature Range (free air convection) Storage Temperature Relative Humidity Case Material Package Weight MTBF (+25C) (+70C) 120 (tested for 1 second) (long term isolation) 3% max. 0.03%/C 100mVp-p max. 1.2% max. 3% max. 1 Second 10% min. See Selection Guide
Output Power (%)
Derating-Graph
(Ambient Temperature)
120 100 80 60
40
Safe Operating Area
1000VDC min. see Application Notes 10 G min. 50kHz typ. 80pF max. -25C to +70C (see Graph) -55C to +100C 95% RH Non-Conductive Plastic 19.2g
20 0
-25
0
25
50
Operating Temperature (C)
75 70
100
}
Detailed Information see Application Notes chapter "MTBF"
using MIL-HDBK 217F using MIL-HDBK 217F July-2006
1415 x 10 hours 243 x 103hours
3
www.recom-international.com
ECONOLINE
DC/DC-Converter
Typical Characteristics
RAA Series
Tolerance Envelope
+10% +5% V Nom.
Typical L o ad Line
RAA types
100 80
Efficiency (%)
+2,5% 2,5% 7,5%
60 40 20 0 0 20 40 60 80 100
Output Voltage
10%
% of Rated Load
50%
100%
Output Load Current (%)
Package Style and Pinning (mm)
DIP Package Style
Single Output Dual Output Single & Dual Output
3rd angle projection
25.00 10.00 4.00 1.02o+0.05 10.00 4.00
25.00
23.50
20.32
20.32
3 Bottom View 5
2.35 1.59
3
10.16
4
10.16
5
2.35 1.59
1 2
Bottom View
1
2
1
2
3
RECOM RAA-0505S ****
5
5.08
5.08
1 2
Recommended Footprint Details
1.60o+0.15/0 2.54 2.54 1.60o+0.15/0
3
RECOM RAA-0505D ****
4
5
Pin Connections Pin # 1 2 2.54
Top View
Single +Vin -Vin +Vout No Pin -Vout
Dual +Vin Vin +Vout Com -Vout
2.54
Top View
3 4 5
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
July-2006
121


▲Up To Search▲   

 
Price & Availability of RAA-2415S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X